Part Number Hot Search : 
A1215 AD5801 CA3080AM 0M27B RB050 TF01N R65C22J3 42225
Product Description
Full Text Search
 

To Download HCF4051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC4051B/52B/53B HCF4051B/52B/53B
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
4051B - SINGLE 8-CHANNEL 4052B - DIFFERENTIAL 4-CHANNEL
.QUI .LOW" .HI .BI .VERY .MATCHED .WI .5V,10V,AND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
PIN CONNECTIONS
4051B
4053B - TRIPLE 2-CHANNEL
ESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE ON" RESISTANCE : 125 (typ.) OVER 15V p.p. SIGNAL-INPUT RANGE FOR VDDVEE = 15V GH "OFF" RESISTANCE : CHANNEL LEAKAGE 100pA (typ.) VDD - VEE = 18V NARY ADDRESS DECODING ON CHIP LOW QUIESCENT POWER DISSIPATION UNDER ALL DIGITAL CONTROL INPUT AND SUPPLY CONDITIONS : 0.2 W (typ.), VDD - VSS = VDD - VEE = 10V SWITCH CHARACTERISTICS : RON = 5 (typ.) for VDD - VEE = 15V DE RANGE OF DIGITAL AND ANALOG SIGNAL LEVELS : DIGITAL 3 TO 20V, ANALOG TO 20V p.p. C RATINGS NPUT CURRENT OF 100mA AT 18V AND 25C FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENo TATIVE STANDARD N 13A, "STANDARD SPECIFICATIONS FOR DESCRIPTION OF "B" SERIES CMOS DEVICES"
EY (Plastic Package)
F (Ceramic Frit Seal Package)
M1 (Micro Package)
C1 (Plastic Chip Carrier)
ORDER CODES : HCC40XXBF HCF40XXBM1 HCF40XXBEY HCF40XXBC1
DESCRIPTION The HCC 4051B, 4052B and 4053B (extended temperature range) and HCF4051B, 4052B and 4053B (intermediate temperature range) are monolithic integrated circuits, available in 16-lead dual in-line plastic or ceramic package and plastic micropackage. HCC/HCF4051B, HCC/HCF4052B, and HCC/HCF4053B analog multiplexers/demultiplexers are digitally controlled analog switches having low ON impedance and very low OFF leakage
4052B
4053B
June 1989
1/17
HCC/HCF4051B/52B/53B
current. These multiplexer circuits dissipate extremely low quiescent power over the full VDD - VSS and VDD - VEE supply-voltage ranges, independent of the logic state of the control signals. When a-logic "1" is present at the inhibit input terminal all channel are off. The HCC/HCF4051B is a single 8-channel multiplexer having three binary control inputs, A, B, and C, and an inhibit input. The three binary signals select 1 of 8 channels to be turned on, and connect one of the 8 inputs to the output. The HCC/HCF4052B is a differential 4-channel multiFUNCTIONAL DIAGRAMS AND TRUTH TABLES
4051B
Input States Inhibit 0 0 0 0 0 0 0 0 1 C 0 0 0 0 1 1 1 1 X B 0 0 1 1 0 0 1 1 X A 0 1 0 1 0 1 0 1 X "On" Channel (S) 0 1 2 3 4 5 6 7 None
plexer having two binary control inputs, A and B, and an inhibit input. The two binary input signals select 1 of 4 pairs of channels to be turned on and connect the analog inputs to the outputs. The HCC/HCF4053B is a triple 2-channel multiplexer having three separate digital control inputs, A, B, and C, and an inhibit input. Each control input selects one of a pair of channels which are connected in a singlepole double-throw configuration.
4052B
Inhibit 0 0 0 0 1
B 0 0 1 1 X
A 0 1 0 1 X 0x, 0y 1x, 1y 2x, 2y 3x, 3y None
2/17
HCC/HCF4051B/52B/53B
FUNCTIONAL DIAGRAMS AND TRUTH TABLES (continued)
4053
Inhibit 0 0 1 A or B or C 0 1 X ax or bx or cx ay or by or cy None
X = Don't care.
ABSOLUTE MAXIMUM RATINGS
Symbol V DD* Vi II Pt ot Parameter Supply Voltage : HC C Types H C F Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for T o p = Full Package-temperature Range Operating Temperature : HCC Types H CF Types Storage Temperature Value - 0.5 to + 20 - 0.5 to + 18 - 0.5 to V DD + 0.5 10 200 100 - 55 to + 125 - 40 to + 85 - 65 to + 150 Unit V V V mA mW mW C C C
Top Tstg
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol V DD VI Top Parameter Supply Voltage : HC C Types H C F Types Input Voltage Operating Temperature : H CC Types H C F Types Value 3 to 18 3 to 15 0 to V DD - 55 to + 125 - 40 to + 85 Unit V V V C C 3/17
HCC/HCF4051B/52B/53B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Device Current HCC Types HCF Types SWITCH ON Resistance HCC Types Test Conditions V EE V SS V DD V IS (V) (V) (V) (V) 5 10 15 20 5 10 15 0 VI V DD 0 0 0 0 0 0 5 10 15 5 10 15 5 10 15 18 Value T Lo w* 2 5 C T High* Min. Max. Min. Typ. Max. Min. Max. 5 0.04 5 150 10 0.04 10 300 20 0.04 20 600 100 0.08 100 3000 20 0.04 20 150 40 0.04 40 300 80 0.04 80 600 880 310 220 880 330 230 470 180 125 470 180 125 10 10 5 0.1 1050 400 280 1050 400 280 1200 580 400 1200 520 360 Unit
A
0 VI HCF V DD Types ON Resistance RON (between any 2 channels) OFF (*) Any HCC Channel Channel Types Leakage OFF Current All Channels HCC OFF Types (common OUT/IN) Any HCF Channel Types OFF All Channels HCF OFF Types (common OUT/IN) C Input Capaci- Output 4051 Output 4052 tance Output 4053 Feedthrough CONTROL (Address or Inhibit) VIL Input Low Voltage = V DD Thru 1K VIH IIH, IIL Input High Voltage Input Leakage Current
0
0
100
100
1000
nA
0
0
18
100
0.1
100
1000
nA
0
0
15
300
0.1
300
1000
nA
0
0
15
300
0.1 5 30 18 9 0.2
300
1000
nA
pF
-5
-5
5
CI
HCC 18 Types HCF VI = 0/15V 15 Types Input Capacitance Any Address or Inhibit Input
VEE = V SS RL = 1K to V SS IIS < 2A (on all off channels) VI = 0/18V
5 10 15 5 10 15
1.5 3 4 3.5 7 11 0.1 0.3 3.5 7 11
1.5 3 4 3.5 7 11 10-3 0.1 10-3 0.3 5 7.5
1.5 3 4
V
V 1 1
A pF
(*) Determined by minimum feasible leakage measurement for automatic testing. (*) TLow = - 55C for HCC device : - 40C for HCF device. (*) THigh = + 125C for HCC device : + 85C for HCF device.
4/17
HCC/HCF4051B/52B/53B
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb = 25C, CL = 50pF all input square wave rise and fall time = 20ns)
Parameter SWITCH t p d Propagation Delay Time (signal input to output) Frequency Response Channel "ON" (sine wave input) Vo at 20 Log __ = - 3dB VI Feedthrough (all channels OFF) Vo at 20 Log __ = - 40dB VI =VS S V EE R L fi V IS (V) (k) (kHz) (V) 10 V __ _I I_ 5 (*) Test Conditions V S S V DD (V) (V) 5 10 15 10 Value Typ. Max. Unit
200 1
V o at Common OUT/IN V o at any Channel
4053B 4052B 4051B 4053 4052 4051
30 15 11 30 25 20 60
30 60 20
ns
MHz
=VS S
1
5 (*)
10
Frequency Signal Crosstalk Vo =VS S at 20 Log __ = - 40dB VI
1
5 (*)
10
Sine Wave Distortion f i s = 1kHz Sine Wave
= V S 10 S 10 10 CONTROL (Address or Inhibit) Progation Delay Time : 0 Address-to Signal OUT 0 Channels ON or OFF 0 -5 Propagation Delay Time : 0 Inhibit to Signal OUT 0 10 (channel turning ON) 0 - 10 Propagation Delay Time : 0 Inhibit to Signal OUT 0 0.3 (channel turning OFF) 0 - 10 Address or Inhibit to Signal 0 10* Crosstalk
1 1 1
2 (*) 3 (*) 5 (*) 0 0 0 0 0 0 0 0
5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10
8 10 12 V o at any Channel 8 Between any 2 Channels 3 Between Sections measured 6 4052B only on common measured 10 on any channel Between any 2 in Pin 2 2.5 Sections 4053B out Pin 14 only in Pin 15 6 out Pin 14 0.3 0.2 0.12 360 160 120 225 360 160 120 200 200 90 70 130 V C = V DD -V SS (square wave) 65 720 320 240 450 720 320 240 400 450 210 160 300
V o at Common OUT/IN
MHz
MHz
MHz
%
ns
ns
ns mV peak
0
(*) Peak to peak voltage symmetrical about VDD-VEE 2 (*) Both ends of channel.
5/17
HCC/HCF4051B/52B/53B
Typical Channel ON Resistance vs. Input Signal Voltage (all types). Typical Channel ON Resistance vs. Input Signal Voltage (all types).
Typical Channel ON Resistance vs. Input Signal Voltage (all types).
Typical Channel ON Resistance vs. Input Signal Voltage (all types).
Typical Dynamic Power Dissipation/Package vs. Switching Frequency and Test Circuit (4051B).
6/17
HCC/HCF4051B/52B/53B
Typical ON Characteristics for 1 of 8 Channels (4051B).
Typical Dynamic Power Dissipation/Package vs. Switching Frequency and Test Circuit (4052B).
Typical Dynamic Power Dissipation/Package vs. Switching Frequency and Test Circuit (4053B).
7/17
HCC/HCF4051B/52B/53B
WAVEFORMS Channel Being Turned ON (RL = 10K). Channel Being Turned OFF (RL = 300K).
TYPICAL BIAS VOLTAGES Fig. (a) Fig. (b) Fig. (c) Fig. (d)
The ADDRESS (digital-control inputs) and INHIBIT logic levels are : "0"=VSS and "1"=VDD. The analog signal (trough the TG) may swing from VEE to VDD.
8/17
HCC/HCF4051B/52B/53B
TYPICAL APPLICATIONS TYPICAL TIME-DIVISION APPLICATION OF THE 4052B
SPECIAL CONSIDERATIONS Control of analog signals up to 20V peak-to-peak can be achieved by digital signal amplitudes of 4.5 to 20V (if VDD - VSS = 3V, a VDD - VEE of up to 13V can be controlled ; for VDD - VEE level differences above 13V, a VDD - VSS of at least 4.5V is required). For example, if VDD = + 5V, VSS = 0, and VEE = -13.5V, analog signals from - 13.5V to + 4.5V can be controlled by digital inputs of 0 to 4.5V. In certain applications, the external load-resistor current may include both VDD and signal-line components. To
avoid drawing VDD current when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed 0,8 volt (valvulated from RON values shown in ELECTRICAL CHARACTERISTICS CHART). No VDD current will flow through RL if the switch current flows into lead 3 on the HCC/HCF4051 ; leads 3 and 13 on the HCC/HCF4052 ; leads 4, 14, and 15 on the HCC/HCF4053.
9/17
HCC/HCF4051B/52B/53B
TEST CIRCUITS Off Channel Leakage Current-any Channel OFF.
4051 4052 4053
Off Channel Leakage Current-all Channel OFF.
4051 4052 4053
Propagation Delay-adress Input to Signal Output.
4051 4052 4053
10/17
HCC/HCF4051B/52B/53B
TEST CIRCUITS (continued) Propagation Delay-Inhibit Input to Signal Output.
4051 4052 4053
Input Voltage.
4051 4052 4053
Quiescent Device Current.
4051 4053 4052
Channel ON Resistance Meaurement Circuit.
11/17
HCC/HCF4051B/52B/53B
TEST CIRCUITS (continued) Input Current.
4051 - 4053 4052
Feedthrough (All Types).
Crosstalk Betwen any two Channels (All Types).
Crosstalk Betweenn Duals or Triplets (4052-4053).
12/17
HCC/HCF4051B/52B/53B
Plastic DIP16 (0.25) MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001C
13/17
HCC/HCF4051B/52B/53B
Ceramic DIP16/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053D
14/17
HCC/HCF4051B/52B/53B
SO16 (Narrow) MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
15/17
HCC/HCF4051B/52B/53B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
16/17
HCC/HCF4051B/52B/53B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
17/17


▲Up To Search▲   

 
Price & Availability of HCF4051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X